PART |
Description |
Maker |
MAX3222 MAX3222CAP MAX3222CPN MAX3222CUP MAX3222CW |
3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1F External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors 3.0V to 5.5V Low-Power up to 1Mbps True RS-232 Transceivers Using Four 0.1F External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1レF External Capacitors 3.0V to 5.5V / Low-Power / up to 1Mbps / True RS-232 Transceivers Using Four 0.1F External Capacitors DUAL LINE TRANSCEIVER, PDSO20
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
B25673A2052A040 |
Film capacitors - Power Factor Correction PhaseCap Compact Capacitors
|
EPCOS
|
B25673A2072A540 |
Film capacitors - Power Factor Correction PhaseCap Compact capacitors
|
EPCOS
|
B25836B5287A305 |
Film capacitors - Power Factor Correction MKV capacitors
|
EPCOS
|
B25655A1148K000 |
Film capacitors - Power electronic capacitors
|
EPCOS
|
B25655J8567K000 |
Film capacitors - Power electronic capacitors
|
EPCOS
|
B25667C4467A375 |
Film Capacitors ?Power Electronic Capacitors
|
TDK Electronics
|
B25667C6107A375 |
Film Capacitors - Power Electronic Capacitors
|
TDK Electronics
|
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
LT1181A LT1180A LT1180ACN LT1180ACSW LT1180AIN LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
|
Linear Technology, Corp. Linear Integrated Systems
|
935C2W3K-F 935H1W3K-F 935C4W3K-F 935C1W3K-F 935C1W |
High Current Capacitors for Switching Power Supplies Polypropylene Capacitors for High Frequency Filtering
|
Cornell Dubilier Electr...
|